Part Number Hot Search : 
5630D7 LT1232 12030 K525CSEM ST5870 MR100 KE200 GRM18
Product Description
Full Text Search
 

To Download MBR2045CT-45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr(f,b)2035ct thru mbr(f,b)2060ct www.kersemi.com 1 features ? guardring for overvoltage protection ? lower power losses, high efficiency ? low forward voltage drop ? high forward surge capability ? high frequency operation ? meets msl level 1, per j-std-020, lf maximum peak of 245 c (for to-263ab package) ? solder dip 260 c, 40 s (for to-220ab and ito-220ab package) ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application. mechanical data case: to-220ab, ito-220ab, to-263ab epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test, he3 suffix for high reliability grade (aec q101 qualified), meets jesd 201 class 2 whisker test polarity: as marked mounting torque: 10 in-lbs maximum primary characteristics i f(av) 10 a x 2 v rrm 35 v to 60 v i fsm 150 a v f 0.57 v, 0.70 v t j max. 150 c case pin 2 pin 1 pin 3 to-220ab mbr20xxct ito-220ab mbrf20xxct mbrb20xxct pin 1 pin 2 k heatsink 1 2 3 1 2 k pin 2 pin 1 pin 3 to-263ab 1 2 3 maximum ratings (t c = 25 c unless otherwise noted) parameter symbol mbr2035ct mbr2045ct mbr2050ct mbr2060ct unit maximum repetitive peak reverse voltage v rrm 35 45 50 60 v working peak reverse voltage v rwm 35 45 50 60 v maximum dc blocking voltage v dc 35 45 50 60 v maximum average forward rectified current at t c = 135 c total device per diode i f(av) 20 10 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode i fsm 150 a peak repetitive reverse surge current per diode at t p = 2 s, 1 khz i rrm 1.0 0.5 a voltage rate of change (rated v r ) dv/dt 10 000 v/s operating junction temperature range t j - 65 to + 150 c storage temperature range t stg - 65 to + 175 c isolation voltage (ito-220ab only) from terminal to heatsink t = 1 min v ac 1500 v
mbr(f,b)2035ct thru mbr(f,b)2060ct www.kersemi.com 2 note: (1) pulse test: 300 s pulse width, 1 % duty cycle note: (1) automotive grade aec q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t c = 25 c unless otherwise noted) parameter test conditions symbol mbr2035ct mbr2045ct mbr2050ct mbr2060ct unit maximum instantaneous forward voltage per diode (1) i f = 10 a i f = 10 a i f = 20 a i f = 20 a t c = 25 c t c = 125 c t c = 25 c t c = 125 c v f 0.65 0.57 0.84 0.72 0.80 0.70 0.95 0.85 v maximum reverse current per diode at rated dc blocking voltage per diode (1) t c = 25 c t c = 125 c i r 0.1 15 0.15 15 ma thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol mbr mbrf mbrb unit typical resistance from j unction to case per diode r jc 2.0 5.0 2.0 c/w ordering information (example) package preferred p/n unit weight (g) package code base quantity delivery mode to-220ab mbr2045ct-e3/45 1.85 45 50/tube tube ito-220ab mbrf2045ct-e3/45 1.99 45 50/tube tube to-263ab mbrb2045ct-e3/45 1.35 45 50/tube tube to-263ab mbrb2045ct-e3/81 1.35 81 800/reel tape reel to-220ab mbr2045cthe3/45 (1) 1.85 45 50/tube tube ito-220ab mbrf2045cthe3/45 (1) 1.99 45 50/tube tube to-263ab mbrb2045cthe3/45 (1) 1.35 45 50/tube tube to-263ab mbrb2045cthe3/81 (1) 1.35 81 800/reel tape reel figure 1. forward derating curve (total) 0 4 8 12 20 0 50 100 150 16 resisti v e or ind u cti v e load a v erage for w ard c u rrent (a) case temperat u re (c) figure 2. maximum non-repetitive peak forward surge current per diode 60 40 8 0 140 120 100 160 1 100 10 t j = t j max. 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
mbr(f,b)2035ct thru mbr(f,b)2060ct www.kersemi.com 3 figure 3. typical instantaneous forw ard characteristics per diode figure 4. typical reverse characteristics per diode 100 10 1.0 0.1 0.01 mbr2035ct - mbr2045ct mbr2050ct & mbr2060ct 0 0.2 0.1 1.0 1.1 1.2 0.4 0.3 0.6 0.7 0. 8 0.5 0.9 t j = 150 c t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 1 10 100 0.01 0.001 0.1 20 0 100 40 60 8 0 t j = 125 c t j = 25 c t j = 75 c percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent (ma) mbr2035ct - mbr2045ct mbr2050ct & mbr2060ct figure 5. typical juncti on capacitance per diode figure 6. typical transient thermal impedance per diode 10 1 100 1000 10 000 100 0.1 mbr2035ct - mbr2045ct mbr2050ct & mbr2060ct t j = 25 c f = 1.0 mhz v sig = 50 m v p-p re v erse v oltage ( v ) j u nction capacitance (pf) 0.01 10 1 100 10 100 0.1 0.1 1 t - p u lse d u ration (s) transient thermal impedance (c/ w )
mbr(f,b)2035ct thru mbr(f,b)2060ct www.kersemi.com 4 package outline dimensions in inches (millimeters) to-220ab 0.113 (2. 8 7) 0.103 (2.62) 0.370 (9.40) 0.360 (9.14) 0.415 (10.54) max. 0.635 (16.13) 0.625 (15. 8 7) pi n 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.205 (5.20) 0.195 (4.95) 0.035 (0.90) 0.02 8 (0.70) 0.154 (3.91) 0.14 8 (3.74) 1 3 2 0.1 8 5 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.6 8 ) 0.135 (3.43) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 1.14 8 (29.16) 1.11 8 (2 8 .40) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) ito-220ab 0.076 (1.93) ref. 45 ref. pi n 3 2 1 0.404 (10.26) 0.3 8 4 (9.75) 0.076 (1.93) ref. 0.600 (15.24) 0.5 8 0 (14.73) 0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.057 (1.45) 0.045 (1.14) 0.191 (4. 8 5) 0.171 (4.35) 0.671 (17.04) 0.651 (16.54) 0.035 (0. 8 9) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.025 (0.64) 0.015 (0.3 8 ) 0.105 (2.67) 0.095 (2.41) 0.02 8 (0.71) 0.020 (0.51) 0.110 (2.79) 0.100 (2.54) 7 ref. 0.135 (3.43) dia. 0.122 (3.0 8 ) dia. 0.110 (2.79) 0.100 (2.54) 0.190 (4. 8 3) 0.170 (4.32) 7 ref. 7 ref. 0.140 (3.56) dia. 0.125 (3.17) dia. 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) to-263ab mo u nting pad layo u t 0.670 (17.02) 0.591 (15.00) 0.105 (2.67) 0.095 (2.41) 0.0 8 (2.032) mi n . 0.15 (3. 8 1) mi n . 0.33 ( 8 .3 8 ) mi n . 0.42 (10.66) mi n . 12 k k 0.140 (3.56) 0.110 (2.79) 0.021 (0.53) 0.014 (0.36) 0.110 (2.79) 0.090 (2.29) 0 to 0.01 (0 to 0.254) 0.055 (1.40) 0.047 (1.19) 0.055 (1.40) 0.045 (1.14) 0.190 (4. 8 3) 0.160 (4.06) 0.205 (5.20) 0.195 (4.95) 0.624 (15. 8 5) 0.591 (15.00) 0.037 (0.940) 0.027 (0.6 8 6) 0.105 (2.67) 0.095 (2.41) 0.360 (9.14) 0.320 ( 8 .13) 0.411 (10.45) 0.3 8 0 (9.65) 0.245 (6.22) mi n .


▲Up To Search▲   

 
Price & Availability of MBR2045CT-45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X